Part Number Hot Search : 
400AA M63823GP S1616 3224T 2662N CJ303NL HT1621 SM205
Product Description
Full Text Search
 

To Download GS8321E32AGD-400IT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gs8321e18/32/36ad-400/ 375/333/250/200/150 2m x 18, 1m x 32, 1m x 36 36mb sync burst srams 400 mhz ? 150 mhz 2.5 v or 3.3 v v dd 2.5 v or 3.3 v i/o 165-bump bga commercial temp industrial temp rev: 1.00a 2/2011 1/32 ? 2010, gsi technology specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. preliminary features ? ft pin for user-configurable flow through or pipeline operation ? dual cycle deselect (dcd) operation ? ieee 1149.1 jtag-compatible boundary scan ? 2.5 v or 3.3 v +10%/?10% core power supply ? 2.5 v or 3.3 v i/o supply ? lbo pin for linear or interleaved burst mode ? internal input resistors on mode pins allow floating mode pins ? default to interleaved pipeline mode ? byte write ( bw ) and/or global write ( gw ) operation ? internal self-timed write cycle ? automatic power-down for portable applications ? jedec-standard 16 5-bump b ga package ? rohs-compliant 165-bum p bga package available functional description applications the gs8321e18/32/36ad is a 37,748,736-bit high performan ce synchronous sram with a 2-bit burst address counter. although of a type originally developed for level 2 cache applications supporting high performance cpus, the device now finds application in synchronous sram applications, ranging from dsp main store to networking chip set support. controls addresses, data i/os, chip enable ( e1 ), address burst control inputs ( adsp , adsc , adv ) and write control inputs ( bx , bw , gw ) are synchronous and are controlled by a positive- edge-triggered clock input (ck). output enable ( g ) and power down control (zz) are asynchro nous inputs. burst cycles can be initiated with either adsp or adsc inputs. in burst mode, subsequent burst addresses are generated internally and are controlled by adv . the burst address counter may be configured to count in either li near or interleave order with the linear burst order ( lbo ) input. the burst function need not be used. new addresses can be lo aded on every cycle with no degradation of chip performance. flow through/pipeline reads the function of the data output register can be controlled by the user via the ft mode pin (pin 14). holding the ft mode pin low places the ram in flow through mode, causing output data to bypass the data output register. holding ft high places the ram in pipeline mode, activating the rising- edge-triggered data output register. dcd pipelined reads the gs8321e18/32/36ad is a dcd (dual cycle deselect) pi pelined synchronous sram. scd (single cycle deselect) versions are also available. dcd srams pipeline disable commands to the same degree as read commands. dcd rams hold the deselect command for one full cycle and then begin turning off their outputs just after the second rising edge of clock. byte write and global write byte write operation is performed by using byte write enable ( bw ) input combined with one or more individual byte write signals ( bx ). in addition, global write ( gw ) is available for writing all bytes at one time, regardless of the byte write control inputs. sleep mode low power (sleep mode) is attained through the assertion (h igh) of the zz signal, or by stopping the clock (ck). memory data is retained during sleep mode. core and interface voltages the gs8321e18/32/36ad operates on a 3.3 v or 2.5 v power supp ly. all input are 3.3 v and 2.5 v compatible. separate output power (v ddq ) pins are used to decouple output noise from the internal ci rcuits and are 3.3 v and 2.5 v compatible. parameter synopsis -400 -375 -333 -250 -200 -150 unit pipeline 3-1-1-1 t kq tcycle 2.5 2.5 2.5 2.66 2.5 3.3 2.5 4.0 3.0 5.0 3.8 6.7 ns ns curr (x18) curr (x32/x36) 355 440 340 415 335 385 245 310 205 265 165 215 ma ma flow th rough 2-1-1-1 t kq tcycle 4.0 4.0 4.2 4.2 4.5 4.5 5.5 5.5 6.5 6.5 7.5 7.5 ns ns curr (x18) curr (x32/x36) 245 310 235 300 225 285 190 250 165 225 155 205 ma ma
gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 2/32 ? 2010, gsi technology preliminary 165 bump bga?x18 commom i/o?top view (package d) 1 2 3 4 5 6 7 8 9 10 11 a nc a e1 bb nc e3 bw adsc adv a a a b nc a e2 nc ba ck gw g adsp a nc b c nc nc v ddq v ss v ss v ss v ss v ss v ddq nc dqpa c d nc dqb v ddq v dd v ss v ss v ss v dd v ddq nc dqa d e nc dqb v ddq v dd v ss v ss v ss v dd v ddq nc dqa e f nc dqb v ddq v dd v ss v ss v ss v dd v ddq nc dqa f g nc dqb v ddq v dd v ss v ss v ss v dd v ddq nc dqa g h ft mcl nc v dd v ss v ss v ss v dd nc nc zz h j dqb nc v ddq v dd v ss v ss v ss v dd v ddq dqa nc j k dqb nc v ddq v dd v ss v ss v ss v dd v ddq dqa nc k l dqb nc v ddq v dd v ss v ss v ss v dd v ddq dqa nc l m dqb nc v ddq v dd v ss v ss v ss v dd v ddq dqa nc m n dqpb nc v ddq v ss nc a nc v ss v ddq nc nc n p nc nc a a tdi a1 tdo a a a a p r lbo a a a tms a0 tck a a a a r 11 x 15 bump bga?13 mm x 15 mm body?1.0 mm bump pitch
gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 3/32 ? 2010, gsi technology preliminary 165 bump bga?x32 common i/o?top view (package d) 1 2 3 4 5 6 7 8 9 10 11 a nc a e1 bc bb e3 bw adsc adv a nc a b nc a e2 bd ba ck gw g adsp a nc b c nc nc v ddq v ss v ss v ss v ss v ss v ddq nc nc c d dqc dqc v ddq v dd v ss v ss v ss v dd v ddq dqb dqb d e dqc dqc v ddq v dd v ss v ss v ss v dd v ddq dqb dqb e f dqc dqc v ddq v dd v ss v ss v ss v dd v ddq dqb dqb f g dqc dqc v ddq v dd v ss v ss v ss v dd v ddq dqb dqb g h ft mcl nc v dd v ss v ss v ss v dd nc nc zz h j dqd dqd v ddq v dd v ss v ss v ss v dd v ddq dqa dqa j k dqd dqd v ddq v dd v ss v ss v ss v dd v ddq dqa dqa k l dqd dqd v ddq v dd v ss v ss v ss v dd v ddq dqa dqa l m dqd dqd v ddq v dd v ss v ss v ss v dd v ddq dqa dqa m n nc nc v ddq v ss nc a nc v ss v ddq nc nc n p nc nc a a tdi a1 tdo a a a a p r lbo a a a tms a0 tck a a a a r 11 x 15 bump bga?13 mm x 15 mm body?1.0 mm bump pitch
gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 4/32 ? 2010, gsi technology preliminary 165 bump bga?x36 common i/o?top view (package d) 1 2 3 4 5 6 7 8 9 10 11 a nc a e1 bc bb e3 bw adsc adv a nc a b nc a e2 bd ba ck gw g adsp a nc b c dqpc nc v ddq v ss v ss v ss v ss v ss v ddq nc dqpb c d dqc dqc v ddq v dd v ss v ss v ss v dd v ddq dqb dqb d e dqc dqc v ddq v dd v ss v ss v ss v dd v ddq dqb dqb e f dqc dqc v ddq v dd v ss v ss v ss v dd v ddq dqb dqb f g dqc dqc v ddq v dd v ss v ss v ss v dd v ddq dqb dqb g h ft mcl nc v dd v ss v ss v ss v dd nc nc zz h j dqd dqd v ddq v dd v ss v ss v ss v dd v ddq dqa dqa j k dqd dqd v ddq v dd v ss v ss v ss v dd v ddq dqa dqa k l dqd dqd v ddq v dd v ss v ss v ss v dd v ddq dqa dqa l m dqd dqd v ddq v dd v ss v ss v ss v dd v ddq dqa dqa m n dqpd nc v ddq v ss nc a nc v ss v ddq nc dqpa n p nc nc a a tdi a1 tdo a a a a p r lbo a a a tms a0 tck a a a a r 11 x 15 bump bga?13 mm x 15 mm body?1.0 mm bump pitch
gs8321e18/32/36ad 165-bump bga pin description symbol type description a 0 , a 1 i address field lsbs and address counter preset inputs a i address inputs dq a dq b dq c dq d i/o data input and output pins b a , b b , b c , b d i byte write enable for dq a , dq b , dq c , dq d i/os; active low ck i clock input signal; active high bw i byte write?writes all enabled bytes; active low gw i global write enable?writes all bytes; active low e 1 i chip enable; active low e 3 i chip enable; active low e 2 i chip enable; active high g i output enable; active low adv i burst address counter advance enable; active l0w adsc , adsp i address strobe (processor, cache controller); active low zz i sleep mode control; active high ft i flow through or pipeline mode; active low lbo i linear burst order mode; active low tms i scan test mode select tdi i scan test data in tdo o scan test data out tck i scan test clock mcl ? must connect low v dd i core power supply v ss i i/o and core ground v ddq i output driver power supply nc ? no connect gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 5/32 ? 2010, gsi technology preliminary
a1 a0 a0 a1 d0 d1 q1 q0 counter load dq dq register register dq register dq register dq register dq register dq register dq register dq register dq register a0 ? an lbo adv ck adsc adsp gw bw e 1 g zz power down control memory array 36 36 4 a qd e 2 e 3 dqx1 ? dqx9 note: only x36 version shown for simplicity. 1 b a b b b c b d ft gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 6/32 ? 2010, gsi technology preliminary gs8321e18/32/36ad block diagram
mode pin functions mode name pin name state function burst order control lbo l linear burst h interleaved burst output register control ft l flow through h or nc pipeline power down control zz l or nc active h standby, i dd = i sb gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 7/32 ? 2010, gsi technology preliminary note: there is a pull-up device on the ft pin and a pull-down device on the zz pin , so this input pin can be unconnected and the chip will operate in the default states as specified in the above tables. note: the burst counter wraps to initial state on the 5th clock. note: the burst counter wraps to initial state on the 5th clock. linear burst sequence a[1:0] a[1:0] a[1:0] a[1:0] 1st address 00 01 10 11 2nd address 01 10 11 00 3rd address 10 11 00 01 4th address 11 00 01 10 interleaved burst sequence a[1:0] a[1:0] a[1:0] a[1:0] 1st address 00 01 10 11 2nd address 01 00 11 10 3rd address 10 11 00 01 4th address 11 10 01 00 burst counter sequences
gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 8/32 ? 2010, gsi technology preliminary byte write truth table function gw bw b a b b b c b d notes read h h x x x x 1 write no bytes h l h h h h 1 write byte a h l l h h h 2, 3 write byte b h l h l h h 2, 3 write byte c h l h h l h 2, 3, 4 write byte d h l h h h l 2, 3, 4 write all bytes h l l l l l 2, 3, 4 write all bytes l x x x x x notes: 1. all byte outputs are active in read cycles regardl ess of the state of byte w rite enable inputs, b a , b b , b c and/or b d . 2. byte write enable inputs b a , b b , b c and/or b d may be used in any combination with bw to write single or multiple bytes. 3. all byte i/os remain high-z during all write operations regardless of the stat e of byte write enable inputs. 4. bytes ? c ? and ? d ? are only available on the x32 and x36 versions.
synchronous truth table operation address used state diagram key e 1 e 2 e 3 adsp adsc adv w dq 3 deselect cycle, power down none x l x h x l x x high-z deselect cycle, power down none x l l x x l x x high-z deselect cycle, power down none x l x h l x x x high-z deselect cycle, power down none x l l x l x x x high-z deselect cycle, power down none x h x x x l x x high-z read cycle, begin burst external r l h l l x x x q read cycle, begin burst external r l h l h l x f q write cycle, begin burst external w l h l h l x t d read cycle, continue burst next cr x x x h h l f q read cycle, continue burst next cr h x x x h l f q write cycle, continue burst next cw x x x h h l t d write cycle, continue burst next cw h x x x h l t d read cycle, suspend burst current x x x h h h f q read cycle, suspend burst current h x x x h h f q write cycle, suspend burst current x x x h h h t d write cycle, suspend burst current h x x x h h t d notes: 1. x = don?t care, h = high, l = low 2. e = t (true) if e 2 = 1 and e 1 = e 3 = 0; e = f (false) if e 2 = 0 or e 1 = 1 or e 3 = 1 3. w = t (true) and f (false) is defined in the byte write truth table preceding. 4. g is an asynchronous input. g can be driven high at any time to disable active output drivers. g low can only enable active drivers (shown as ?q? in the truth table above). 5. all input combinations shown above are tested and supported. input combinations shown in gray boxes need not be used to acco m plish basic synchronous or synchronous burst oper ations and may be avoided for simplicity. 6. tying adsp high and adsc low allows simple non-burst synchronous operations. see bold items above. 7. tying adsp high and adv low while using adsc to load new addresses allows simple burst operations. see italic items above. gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 9/32 ? 2010, gsi technology preliminary
first write first read burst write burst read deselect r w cr cw x x wr r wr x x x simple synchronous operation simple burst synchronous operation cr r cw cr cr notes: 1. the diagram shows only supported (tested) synchr onous state transitions. the diagram presumes g is tied low. 2. the upper portion of the diagram assume s active use of only the enable (e1 ) and write (b a , b b , b c , b d , bw , and gw ) control inputs, and that adsp is tied high and adsc is tied low. 3. the upper and lower portions of the diagram together a ssume active use of only the enable, write, and adsc control inputs, and assumes adsp is tied high and adv is tied low. gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 10/32 ? 2010, gsi technology preliminary simplified state diagram
first write first read burst write burst read deselect r w cr cw x x wr r w r x x x cr r cw cr cr w cw w cw notes: 1. the diagram shows supported (tested) synchronous state transit ions plus supported transitions that depend upon the use of g . 2. use of ?dummy reads? (read cycles with g high) may be used to make the transition from read cycles to write cycles without passing through a deselect cycle. dummy read cycles increment the address counter just like normal read cycles. 3. transitions shown in gray tone assume g has been pulsed high long enough to turn the ram?s drivers off and for incoming data to meet data input set up time. gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 11/32 ? 2010, gsi technology preliminary simplified state diagram with g
absolute maximum ratings (all voltages reference to v ss ) symbol description value unit v dd voltage on v dd pins ? 0 .5 to 4.6 v v ddq voltage in v ddq pins ? 0 .5 to 4.6 v v i/o voltage on i/o pins ? 0 .5 to v ddq +0.5 ( 4.6 v max.) v v in voltage on other input pins ? 0.5 to v dd +0.5 ( 4.6 v max.) v i in input current on any pin +/ ? 20 ma i out output current on any i/o pin +/ ? 20 ma p d package power dissipation 1.5 w t stg storage temperature ? 55 to 125 o c t bias temperature under bias ? 55 to 125 o c gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 12/32 ? 2010, gsi technology preliminary note: permanent damage to the device may occur if the absolute maximum ratings are exceede d. operation should be restricted to recomm ended operating conditions. exposure to conditions exceeding the absolute maximum ra tings, for an extended period of time, may affect reliability of this component. power supply voltage ranges parameter symbol min. typ. max. unit 3.3 v supply voltage v dd3 3.0 3.3 3.6 v 2.5 v supply voltage v dd2 2.3 2.5 2.7 v 3.3 v v ddq i/o supply voltage v ddq3 3.0 3.3 3.6 v 2.5 v v ddq i/o supply voltage v ddq2 2.3 2.5 2.7 v v dd3 range logic levels parameter symbol min. typ. max. unit input high voltage v ih 2.0 ? v dd + 0.3 v input low voltage v il ? 0.3 ? 0.8 v note: v ihq (max) is voltage on v ddq pins plus 0.3 v.
gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 13/32 ? 2010, gsi technology preliminary v dd2 range logic levels parameter symbol min. typ. max. unit input high voltage v ih 0.6*v dd ? v dd + 0.3 v input low voltage v il ? 0.3 ? 0.3*v dd v note: v ihq (max) is voltage on v ddq pins plus 0.3 v. operating temperature parameter symbol min. typ. max. unit junction temperature (commercial range versions) t j 0 25 85 c junction temperature (industrial range versions)* t j ?40 25 100 c note: * the part numbers of industrial temperature range versions end with the character ?i?. unless otherwise noted, all performanc e specifications quoted are evaluated for worst case in the temperature range marked on the device. thermal impedance package test pcb substrate ja (c/w) airflow = 0 m/s ja (c/w) airflow = 1 m/s ja (c/w) airflow = 2 m/s jb (c/w) jc (c/w) 165 bga 4-layer tbd tbd tbd tbd tbd notes: 1. thermal impedance data is based on a number of of samples from mulitple lots and should be viewed as a typical number. 2. please refer to jedec standard jesd51-6. 3. the characteristics of the test fixture pcb influence reported the rmal characteristics of the device. be advised that a good thermal path to the pcb can result in cooling or heating of the ram depending on pcb temperature. 20% tkc v ss ? 2.0 v 50% v ss v ih undershoot measurement and timing overshoot measure ment and timing 20% tkc v dd + 2.0 v 50% v dd v il note: input under/overshoot voltage must be ? 2 v > vi < v ddn +2 v not to exceed 4.6 v maximum, with a pulse width not to exceed 20% tkc.
capacitance o c, f = 1 mh z , v dd = 2.5 v) parameter symbol test conditions typ. max. unit input capacitance c in v in = 0 v 4 5 pf input/output capacitance c i/o v out = 0 v 6 7 pf gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 14/32 ? 2010, gsi technology preliminary note: these parameters are sample tested. ac test conditions parameter conditions input high level v dd ? 0.2 v input low level 0.2 v input slew rate 1 v/ns input reference level v dd /2 output reference level v ddq /2 output load fig. 1 notes: 1. include scope and jig capacitance. 2. test conditions as specified with output loading as sho wn in fig. 1 unless otherwise noted. 3. device is deselected as defined by the truth table. dq v ddq/2 50 30pf * output load 1 * distributed test jig capacitance (t a = 25
dc electrical characteristics parameter symbol test conditions min max input leakage current (except mode pins) i il v in = 0 to v dd ? 1 ua 1 ua zz input current i in1 v dd v in v ih 0 v v in v ih ? 1 ua ? 1 u a 1 ua 100 ua ft input current i in2 v dd v in v il 0 v v in v il ? 100 ua ? 1 u a 1 ua 1 ua output leakage current i ol output disable, v out = 0 to v dd ? 1 ua 1 ua output high voltage v oh2 i oh = ? 8 ma, v ddq = 2.375 v 1.7 v ? output high voltage v oh3 i oh = ? 8 ma, v ddq = 3.135 v 2.4 v ? output low voltage v ol i ol = 8 ma ? 0.4 v gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 15/32 ? 2010, gsi technology preliminary
operating currents parameter test conditions mode symbol -400 -375 -333 -250 -200 -150 unit 0 to 70c ? 40 to 85c 0 to 70c ? 40 to 85c 0 to 70c ? 40 to 85c 0 to 70c ? 40 to 85c 0 to 70c ? 40 to 85c 0 to 70c ? 40 to 85c operating current device selected; all other inputs v ih o r v il output open (x32/ x36) pipeline i dd i ddq 360 80 370 80 340 75 350 75 315 70 325 70 260 50 270 50 225 40 235 40 185 30 195 30 ma flow through i dd i ddq 260 50 270 50 250 50 260 50 240 45 250 45 210 40 220 40 190 35 200 35 175 30 185 30 ma (x18) pipeline i dd i ddq 315 40 325 40 300 40 310 40 300 35 310 35 220 25 230 25 185 20 195 20 150 15 160 15 ma flow through i dd i ddq 220 25 230 25 210 25 220 25 200 25 210 25 170 20 180 20 150 15 160 15 140 15 150 15 ma standby current zz v dd ? 0.2 v ? pipeline i sb 30 40 30 40 30 40 30 40 30 40 30 40 ma flow through i sb 30 40 30 40 30 40 30 40 30 40 30 40 ma deselect current device deselected; all other inputs v ih or v il ? pipeline i dd 90 100 90 100 80 90 70 80 60 70 55 65 ma flow through i dd 70 80 70 80 65 75 60 70 55 65 50 60 ma gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 16/32 ? 2010, gsi technology preliminary notes: 1. i dd and i ddq apply to any combination of v dd3 , v dd2 , v ddq3 , and v ddq2 operation. 2. all parameters listed are worst case scenario.
ac electrical characteristics parameter symbol -400 -375 -333 -250 -200 -150 unit min max min max min max min max min max min max pipeline clock cycle time tkc 2.5 ? 2.66 ? 3.3 ? 4.0 ? 5.0 ? 6.7 ? ns clock to output valid tkq ? 2.5 ? 2.5 ? 2.5 ? 2.5 ? 3.0 ? 3.8 ns clock to output invalid tkqx 1.5 ? 1.5 ? 1.5 ? 1.5 ? 1.5 ? 1.5 ? ns clock to output in low-z tlz 1 1.5 ? 1.5 ? 1.5 ? 1.5 ? 1.5 ? 1.5 ? ns setup time ts 0.9 ? 0.9 ? 1.0 ? 1.2 ? 1.4 ? 1.5 ? ns hold time th 0.1 ? 0.1 ? 0.1 ? 0.2 ? 0.4 ? 0.5 ? ns flow th rough clock cycle time tkc 4.0 ? 4.2 ? 4.5 ? 5.5 ? 6.5 ? 7.5 ? ns clock to output valid tkq ? 4.0 ? 4.2 ? 4.5 ? 5.5 ? 6.5 ? 7.5 ns clock to output invalid tkqx 2.0 ? 2.0 ? 2.0 ? 2.0 ? 2.0 ? 2.0 ? ns clock to output in low-z tlz 1 2.0 ? 2.0 ? 2.0 ? 2.0 ? 2.0 ? 2.0 ? ns setup time ts 1.2 ? 1.2 ? 1.3 ? 1.5 ? 1.5 ? 1.5 ? ns hold time th 0.2 ? 0.2 ? 0.3 ? 0.5 ? 0.5 ? 0.5 ? ns clock high time tkh 0.9 ? 0.9 ? 1.0 ? 1.3 ? 1.3 ? 1.5 ? ns clock low time tkl 1.1 ? 1.1 ? 1.2 ? 1.5 ? 1.5 ? 1.7 ? ns clock to output in high-z thz 1 1.5 2.5 1.5 2.5 1.5 2.5 1.5 2.5 1.5 3.0 1.5 3.8 ns g to output valid toe ? 2.5 ? 2.5 ? 2.5 ? 2.5 ? 3.0 ? 3.8 ns g to output in low-z tolz 1 0 ? 0 ? 0 ? 0 ? 0 ? 0 ? ns g to output in high-z tohz 1 ? 2.5 ? 2.5 ? 2.5 ? 2.5 ? 3.0 ? 3.8 ns zz setup time tzzs 2 5 ? 5 ? 5 ? 5 ? 5 ? 5 ? ns zz hold time tzzh 2 1 ? 1 ? 1 ? 1 ? 1 ? 1 ? ns zz recovery tzzr 20 ? 20 ? 20 ? 20 ? 20 ? 20 ? ns gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 17/32 ? 2010, gsi technology preliminary notes: 1. these parameters are sampled and are not 100% tested. 2. zz is an asynchronous signal. however, in order to be recognized on any given clock cycle, zz must meet the specified setup a nd hold times as specified above.
gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 18/32 ? 2010, gsi technology preliminary pipeline mode timing (dcd) begin read a cont deselect deselect write b read c read c+1 read c+2 read c+3 cont deselect deselect thz tkqx tkq tlz th ts tohz toe th ts th ts th ts th ts th ts ts th ts th ts th ts tkctkc tkltkl tkhtkh q(a) d(b) q(c) q(c+1) q(c+2) q(c+3) ab c hi-z deselected with e1 e2 and e3 only sampled with adsc adsc initiated read ck adsp adsc adv ao?an gw bw ba ?bd e1 e2 e3 g dqa?dqd
gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 19/32 ? 2010, gsi technology preliminary flow th rough mode timing (dcd) begin read a cont deselect write b read c read c+1 read c+2 read c+3 read c deselect thz tkqx tlz th ts tohz toe tkq th ts th ts th ts th ts th ts th ts th ts th ts th ts th ts th ts tkctkc tkltkl tkhtkh ab c q(a) d(b) q(c) q(c+1) q(c+2) q(c+3) q(c) e2 and e3 only sampled with adsp and adsc e1 masks adsp adsc initiated read deselected with e1 e1 masks adsp fixed high ck adsp adsc adv ao?an gw bw ba ?bd e1 e2 e3 g dqa?dqd
gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 20/32 ? 2010, gsi technology preliminary sleep mode during normal operation, zz must be pulled low, either by the us er or by its internal pull down resistor. when zz is pulled hig h, the sram will enter a power sleep mode after 2 cycles. at this time, internal stat e of the sram is preserved. when zz returns t o low, the sram operates normally after zz recovery time. sleep mode is a low current, power-down mode in which the device is deselected and current is reduced to i sb 2. the duration of sleep mode is dictated by the length of time the zz is in a high state. after entering sleep mode, all inputs except zz become disabled and all outputs go to high-z the zz pin is an async hronous, active high input that cau ses the device to enter sleep mo de. when the zz pin is driven high, i sb 2 is guaranteed after the time tzzi is met. because zz is an asynchronous input, pending operations or operations in progress may not be properly completed if zz is asserted. therefore, sleep mode must not be initiat ed until valid pending operations are completed. similarly, when exitin g sleep mode during tzzr, only a deselect or read commands may be applied while the sram is recovering from sleep mode. sleep mode timing diagram tzzr tzzh tzzs hold setup tkltkl tkhtkh tkctkc ck adsp adsc zz application tips single and dual cycle deselect scd devices force the use of ?dummy read cycles? (read cycles that are launched no rmally but that are ended with the output drivers inactive) in a fully synchronous en vironment. dummy read cycles waste perfor mance but their use usually assures there will be no bus contention in transitions from reads to writes or between banks of rams. dcd srams (like this one) do not waste bandwidth on dummy cycles and are logically simpler to manage in a multiple bank application (wait states need not be inserted at bank address boundary crossings) but greater care mu st be exercised to avoid excessive bus contention.
gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 21/32 ? 2010, gsi technology preliminary jtag port operation overview the jtag port on this ram operates in a manner that is compliant with ieee standard 1149.1-1990, a serial boundary scan interface standard (commonly referred to as jtag). the jtag port input inte rface levels scale with v dd . the jtag output drivers are powered by v ddq . disabling the jtag port it is possible to use this device without utilizing the jtag port. the port is reset at power-up and will remain inactive unles s clocked. tck, tdi, and tms are designed with internal pull-up circuits.to assure normal operation of the ram with the jtag port unused, tck, tdi, and tms may be left floating or tied to either v dd or v ss . tdo should be left unconnected. jtag pin descriptions pin pin name i/o description tck test clock in clocks all tap events. all i nputs are captured on the rising edge of tck and all outputs propagate from the falling edge of tck. tms test mode select in the tms input is sampled on the rising edge of tck. this is t he command input for the tap controller state machine. an undriven tms input wi ll produce the same result as a logic one input level. tdi test data in in the tdi input is sampled on the rising edge of tck. this is the input side of the serial registers pla ced between tdi and tdo. the register placed between tdi and tdo is determined by the state of the tap controller state machine and the instruction that is currently loaded in the tap instruction register (refer to the tap controll er state diagram). an undriven tdi pin will produce the same result as a logic one input level. tdo test data out out output that is active depending on the state o f the tap state machine. output changes in response to the falling edge of tck. this is the out put side of the serial registers placed between tdi and tdo. note: this device does not have a trst (tap reset) pin. trst is optional in ieee 1149.1. the test-logic-reset state is entered while tms is held high for five rising edges of tck. the tap cont roller is also reset automaticly at power-up. jtag port registers overview the various jtag registers, refered to as tes t access port ortap registers, are select ed (one at a time) via the sequences of 1 s and 0s applied to tms as tck is strobed. each of the tap regist ers is a serial shift register that captures serial input data o n the rising edge of tck and pushes serial data out on the next falling edge of tck. when a register is selected, it is placed betwe en the tdi and tdo pins. instruction register the instruction register holds the instructi ons that are executed by the ta p controller when it is moved into the run, test/idl e, or the various data register states. instructions are 3 bits long. th e instruction register can be lo aded when it is placed betwee n the tdi and tdo pins. the instruction register is automatically preloa ded with the idcode instruction at power-up or whenever the controller is placed in test-logic-reset state. bypass register the bypass register is a single bit register that can be placed between tdi and tdo. it allows serial test data to be passed th rough the ram?s jtag port to another device in the scan chain with as little delay as possible.
gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 22/32 ? 2010, gsi technology preliminary boundary scan register the boundary scan register is a collection of flip flops that can be preset by the logic level found on the ram?s input or i/o pin s. the flip flops are then daisy chained togeth er so the levels found can be shifted seri ally out of the jtag port?s tdo pin. the boundary scan register also includes a number of place holder flip fl ops (always set to a logic 1). the relationship between t he device pins and the bits in the boundary scan register is described in the scan order table following. the boundary scan register, under the control of the tap contro ller, is loaded with the contents of the rams i/o ring when the controller is in capture-dr state and then is placed between the tdi and tdo pins when the controller is moved to shift-dr state. sample-z, sample/preload and extest instructions can be us ed to activate the boundary scan register. instruction register id code register boundary scan register 012 0 31 30 29 1 2 0 bypass register tdi tdo tms tck test access port (tap) controller m* 1 0 control signals * for the value of m, see the bsdl file, which is av ailable at by contacting us at apps@gsitechnology.com . jtag tap block diagram identification (id) register the id register is a 32-bit register that is loaded with a device and vendor specific 32-bit code when the controller is put in capture-dr state with the idcode command loaded in the instruction re gister. the code is loaded from a 32-bit on-chip rom. it describes various attributes of the ram as indicated below. the register is then placed between the tdi and tdo pins when th e controller is moved into shift- dr state. bit 0 in the register is the lsb and the first to reach tdo when shifting begins.
id register contents not used gsi technology jedec vendor id code presence register bit # 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 x x x x x x x x x x x x x x x x x x x x 0 0 0 1 1 0 1 1 0 0 1 1 gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 23/32 ? 2010, gsi technology preliminary tap controller instruction set overview there are two classes of instructions defined in the standard 114 9.1-1990; the standard (public) instructions, and device speci fic (private) instructions. some public instructions are mandatory for 1149.1 compliance. optional public instructions must be implemented in prescribed ways. the tap on th is device may be used to monitor all inpu t and i/o pads, and can be used to load address, data or control signals into the ram or to preload the i/o buffers. when the tap controller is placed in captur e-ir s tate the two least significant bits of the instruction regi ster are loaded wit h 01. when the controller is moved to the shift-ir state the instruction register is placed between tdi and tdo. in this state the de sired instruction is serially loaded through the tdi input (while the previous contents are shifted out at tdo). for all instructions , the tap executes newly loaded instruct ions only when the controller is moved to update-ir state. the tap instruction set for this device is listed in the following table.
select dr capture dr shift dr exit1 dr pause dr exit2 dr update dr select ir capture ir shift ir exit1 ir pause ir exit2 ir update ir test logic reset run test idle 0 0 1 0 1 1 0 0 1 1 1 0 0 1 1 0 0 0 0 1 1 0 0 1 10 0 0 1 11 1 gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 24/32 ? 2010, gsi technology preliminary jtag tap controller state diagram instruction descriptions bypass when the bypass instruction is loaded in the instruction register the bypass regi ster is placed between tdi and tdo. this occurs when the tap controller is moved to the shift-dr state. this allows the board level scan path to be shortened to facili - tate testing of other devices in the scan path. sample/preload sample/preload is a standard 1149.1 mandatory public in stru ction. when the sample / preload instruction is loaded in the instruction register, moving the tap controller into the capture-dr state loads the data in the rams input and i/o buffers into the boundary scan register. boundary scan regist er locations are not associated with an input or i/o pin, and are loaded with the default stat e identified in the boundary s can chain table at the end of th is section of the datasheet. beca use the ram clock is independent from the tap clock (tck) it is possible for the tap to attempt to capture the i/o ring contents while the input buffers are in transition (i.e. in a metastable state). although allowing the tap to sample metastable inputs w ill not harm the device, repeatable results cannot be expected. ram input signals must be stabilized for long enough to meet the taps input data capture set-up plus hold time (tts plus tth) . the rams clock inputs need not be paused for any other tap operation except capturing the i/o ring contents into the boundary s can register. moving the contro ller to shift-dr state then places the boundary scan register between the tdi and tdo pins. extest extest is an ieee 1149.1 mandatory public instruction. it is to be executed whenever the instru ction register is loaded with all logic 0s. the extest command does not block or override th e ram?s input pins; therefore, the ram?s internal state is still determined by its input pins.
gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 25/32 ? 2010, gsi technology preliminary typically, the boundary scan re gister is loaded with the desired pattern of data with the sample/preload command. then the extest command is used to outp ut the boundary scan register?s contents, in parallel, on the ram?s data output drivers on the falling edge of tck when the controller is in the update-ir state. alternately, the boundary scan register may be loaded in parallel using the extest command. when the extest instruc - tion is selected, the sate of all the ram?s input and i/o pins, as well as the defau lt values at scan register locations not as so - ciated with a pin, are transfer red in parallel into the boundary scan regist er on the rising edge of tck in the capture-dr state, the ram?s output pins drive out the value of the boundar y scan register location with which each output pin is associ - ated. idcode the idcode instruction causes the id rom to be loaded into the id registe r when the controller is in capture-dr mode and places the id register between the tdi a nd tdo pins in shift-dr mode. the idcode instruction is the default instruction loaded in at power up and any time the controller is placed in the test-logic-reset state. sample-z if the sample-z instruction is loaded in the ins truction register, all ram outputs are forced to an inactiv e drive state (high- z) and the boundary scan register is connected between tdi and t do when the tap controller is moved to the shift-dr state. rfu these instructions are reserved fo r fu ture use. in this device they replicate the bypass instruction. jtag tap instruction set summary instruction code description notes extest 000 places the boundary scan re gister betwe en tdi and tdo. 1 idcode 001 preloads id register and places it between tdi and tdo. 1, 2 sample-z 010 captures i/o ring contents. places the b oundary scan register between tdi and tdo. forces all ram output drivers to high-z. 1 rfu 011 do not use this instruction; reserved for future use. replicates bypass instruction. places bypass register between tdi and tdo. 1 sample/ p reload 100 captures i/o ring contents. places the b oundary scan register between tdi and tdo. 1 gsi 101 gsi private instruction. 1 rfu 110 do not use this instruction; reserved for future use. replicates bypass instruction. places bypass register between tdi and tdo. 1 bypass 111 places bypass register between tdi and tdo. 1 notes: 1. instruction codes expressed in binary, msb on left, lsb on right. 2. default instruction automatically loaded at power-up and in test-logic-reset state.
jtag port recommended operat ing conditions and dc characteristics (2 .5/3.3 v version) parameter symbol min. max. unit notes 2.5 v test port input high voltage v ihj2 0.6 * v dd2 v dd2 +0.3 v 1 2.5 v test port input low voltage v ilj2 ?0.3 0.3 * v dd2 v 1 3.3 v test port input high voltage v ihj3 2.0 v dd3 +0.3 v 1 3.3 v test port input low voltage v ilj3 ? 0.3 0.8 v 1 tms, tck and tdi input leakage current i inhj ? 300 1 ua 2 tms, tck and tdi input leakage current i inlj ? 1 100 ua 3 tdo output leakage current i olj ? 1 1 ua 4 test port output high voltage v ohj 1.7 ? v 5, 6 test port output low voltage v olj ? 0.4 v 5, 7 test port output cmos high v ohjc v ddq ? 100 mv ? v 5, 8 test port output cmos low v oljc ? 100 mv v 5, 9 notes: 1. input under/overshoot voltage must be ? 2 v < v i < v ddn +2 v not to exceed 4.6 v maximum, with a pulse width not to exceed 20% ttkc. 2. v ilj v in v ddn 3. 0 v v in v iljn 4. output disable, v out = 0 to v ddn 5. the tdo output driver is served by the v ddq supply. 6. i ohj = ? 4 ma 7. i olj = + 4 ma 8. i ohjc = ?100 ua 9. i oljc = +100 ua gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 26/32 ? 2010, gsi technology preliminary notes: 1. include scope and jig capacitance. 2. test conditions as shown unless otherwise noted. jtag port ac test conditions parameter conditions input high level v dd ? 0.2 v input low level 0.2 v input slew rate 1 v/ns input reference level v ddq /2 output reference level v ddq /2 dq v ddq /2 50 30pf * jtag port ac test load * distributed test jig capacitance
gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 27/32 ? 2010, gsi technology preliminary jtag port timing diagram tth tts ttkq tth tts tth tts ttklttkl ttkhttkh ttkcttkc tck tdi tms tdo parallel sram input jtag port ac electri cal characteristics parameter symbol min max unit tck cycle time ttkc 50 ? ns tck low to tdo valid ttkq ? 20 ns tck high pulse width ttkh 20 ? ns tck low pulse width ttkl 20 ? ns tdi & tms set up time tts 10 ? ns tdi & tms hold time tth 10 ? ns boundary scan (bsdl files) for information regarding the boundary scan chain, or to obta in bsdl files for this part, please contact our applications engineering department at: apps@gsitechnology.com .
gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 28/32 ? 2010, gsi technology preliminary package dimensions?165-b ump fpbga (package d) a b c d e f g h j k l m n p r a b c d e f g h j k l m n p r 1 2 3 4 5 6 7 8 9 10 11 11 10 9 8 7 6 5 4 3 2 1 a1 corner top view a1 corner bottom view 1.0 1.0 10.0 1.0 1.0 14.0 130.05 150.05 a b 0.20(4x) ?0.10 ?0.25 c c a b m m ?0.40~0.60 (165x) c seating plane 0.15 c 0.36~0.46 1.40 max.
gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 29/32 ? 2010, gsi technology preliminary ordering information for gsi synchronous burst rams org part number 1 type package speed 2 (mhz/ns) t j 3 2m x 18 gs8321e18ad-400 dcd pipeline/flow through 165 bga 400/4.0 c 2m x 18 gs8321e18ad-375 dcd pipeline/flow through 165 bga 375/4.2 c 2m x 18 gs8321e18ad-333 dcd pipeline/flow through 165 bga 333/4.5 c 2m x 18 gs8321e18ad-250 dcd pipeline/flow through 165 bga 250/5.5 c 2m x 18 gs8321e18ad-200 dcd pipeline/flow through 165 bga 200/6.5 c 2m x 18 gs8321e18ad-150 dcd pipeline/flow through 165 bga 150/7.5 c 1m x 32 gs8321e32ad-400 dcd pipeline/flow through 165 bga 400/4.0 c 1m x 32 gs8321e32ad-375 dcd pipeline/flow through 165 bga 375/4.2 c 1m x 32 gs8321e32ad-333 dcd pipeline/flow through 165 bga 333/4.5 c 1m x 32 gs8321e32ad-250 dcd pipeline/flow through 165 bga 250/5.5 c 1m x 32 gs8321e32ad-200 dcd pipeline/flow through 165 bga 200/6.5 c 1m x 32 gs8321e32ad-150 dcd pipeline/flow through 165 bga 150/7.5 c 1m x 36 gs8321e36ad-400 dcd pipeline/flow through 165 bga 400/4.0 c 1m x 36 gs8321e36ad-375 dcd pipeline/flow through 165 bga 375/4.2 c 1m x 36 gs8321e36ad-333 dcd pipeline/flow through 165 bga 333/4.5 c 1m x 36 gs8321e36ad-250 dcd pipeline/flow through 165 bga 250/5.5 c 1m x 36 gs8321e36ad-200 dcd pipeline/flow through 165 bga 200/6.5 c 1m x 36 gs8321e36ad-150 dcd pipeline/flow through 165 bga 150/7.5 c 2m x 18 gs8321e18ad-400i dcd pipeline/flow through 165 bga 400/4.0 i 2m x 18 gs8321e18ad-375i dcd pipeline/flow through 165 bga 375/4.2 i 2m x 18 gs8321e18ad-333i dcd pipeline/flow through 165 bga 333/4.5 i 2m x 18 gs8321e18ad-250i dcd pipeline/flow through 165 bga 250/5.5 i 2m x 18 gs8321e18ad-200i dcd pipeline/flow through 165 bga 200/6.5 i 2m x 18 gs8321e18ad-150i dcd pipeline/flow through 165 bga 150/7.5 i notes: 1. customers requiring delivery in tape and r eel should add the character ?t? to the end of the part number. example: gs8321e18a d-200it. 2. the speed column indicates the cycle frequenc y (mhz) of the device in pipeline mode and the latency (ns) in flow through mod e. each device is pipeline/flow through mode-selectable by the user. 3. c = commercial temperature range. i = industrial temperature range. 4. gsi offers other versions this type of device in many differ ent configurations and with a vari ety of different features, onl y some of which are covered in this data sheet. see the gsi technology web site ( www.gsitechnology.com ) for a complete listing of current offerings.
gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 30/32 ? 2010, gsi technology preliminary 1m x 32 gs8321e32ad-400i dcd pipeline/flow through 165 bga 400/4.0 i 1m x 32 gs8321e32ad-375i dcd pipeline/flow through 165 bga 375/4.2 i 1m x 32 gs8321e32ad-333i dcd pipeline/flow through 165 bga 333/4.5 i 1m x 32 gs8321e32ad-250i dcd pipeline/flow through 165 bga 250/5.5 i 1m x 32 gs8321e32ad-200i dcd pipeline/flow through 165 bga 200/6.5 i 1m x 32 gs8321e32ad-150i dcd pipeline/flow through 165 bga 150/7.5 i 1m x 36 gs8321e36ad-400i dcd pipeline/flow through 165 bga 400/4.0 i 1m x 36 gs8321e36ad-375i dcd pipeline/flow through 165 bga 375/4.2 i 1m x 36 gs8321e36ad-333i dcd pipeline/flow through 165 bga 333/4.5 i 1m x 36 gs8321e36ad-250i dcd pipeline/flow through 165 bga 250/5.5 i 1m x 36 gs8321e36ad-200i dcd pipeline/flow through 165 bga 200/6.5 i 1m x 36 gs8321e36ad-150i dcd pipeline/flow through 165 bga 150/7.5 i 2m x 18 gs8321e18agd-400 dcd pipeline/flow through rohs-compliant 165 bga 400/4.0 c 2m x 18 gs8321e18agd-375 dcd pipeline/flow through rohs-compliant 165 bga 375/4.2 c 2m x 18 gs8321e18agd-333 dcd pipeline/flow through rohs-compliant 165 bga 333/4.5 c 2m x 18 gs8321e18agd-250 dcd pipeline/flow through rohs-compliant 165 bga 250/5.5 c 2m x 18 gs8321e18agd-200 dcd pipeline/flow through rohs-compliant 165 bga 200/6.5 c 2m x 18 gs8321e18agd-150 dcd pipeline/flow through rohs-compliant 165 bga 150/7.5 c 1m x 32 gs8321e32agd-400 dcd pipeline/flow through rohs-compliant 165 bga 400/4.0 c 1m x 32 gs8321e32agd-375 dcd pipeline/flow through rohs-compliant 165 bga 375/4.2 c 1m x 32 gs8321e32agd-333 dcd pipeline/flow through rohs-compliant 165 bga 333/4.5 c 1m x 32 gs8321e32agd-250 dcd pipeline/flow through rohs-compliant 165 bga 250/5.5 c 1m x 32 gs8321e32agd-200 dcd pipeline/flow through rohs-compliant 165 bga 200/6.5 c 1m x 32 gs8321e32agd-150 dcd pipeline/flow through rohs-compliant 165 bga 150/7.5 c 1m x 36 gs8321e36agd-400 dcd pipeline/flow through rohs-compliant 165 bga 400/4.0 c ordering information for gsi synchronous burst rams org part number 1 type package speed 2 (mhz/ns) t j 3 notes: 1. customers requiring delivery in tape and r eel should add the character ?t? to the end of the part number. example: gs8321e18a d-200it. 2. the speed column indicates the cycle frequenc y (mhz) of the device in pipeline mode and the latency (ns) in flow through mod e. each device is pipeline/flow through mode-selectable by the user. 3. c = commercial temperature range. i = industrial temperature range. 4. gsi offers other versions this type of device in many differ ent configurations and with a vari ety of different features, onl y some of which are covered in this data sheet. see the gsi technology web site (www.gsitechnology.com ) for a complete listing of current offerings.
gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 31/32 ? 2010, gsi technology preliminary 1m x 36 gs8321e36agd-375 dcd pipeline/flow through rohs-compliant 165 bga 375/4.2 c 1m x 36 gs8321e36agd-333 dcd pipeline/flow through rohs-compliant 165 bga 333/4.5 c 1m x 36 gs8321e36agd-250 dcd pipeline/flow through rohs-compliant 165 bga 250/5.5 c 1m x 36 gs8321e36agd-200 dcd pipeline/flow through rohs-compliant 165 bga 200/6.5 c 1m x 36 gs8321e36agd-150 dcd pipeline/flow through rohs-compliant 165 bga 150/7.5 c 2m x 18 gs8321e18agd-400i dcd pipeline/flow through rohs-compliant 165 bga 400/4.0 i 2m x 18 gs8321e18agd-375i dcd pipeline/flow through rohs-compliant 165 bga 375/4.2 i 2m x 18 gs8321e18agd-333i dcd pipeline/flow through rohs-compliant 165 bga 333/4.5 i 2m x 18 gs8321e18agd-250i dcd pipeline/flow through rohs-compliant 165 bga 250/5.5 i 2m x 18 gs8321e18agd-200i dcd pipeline/flow through rohs-compliant 165 bga 200/6.5 i 2m x 18 gs8321e18agd-150i dcd pipeline/flow through rohs-compliant 165 bga 150/7.5 i 1m x 32 gs8321e32agd-400i dcd pipeline/flow through rohs-compliant 165 bga 400/4.0 i 1m x 32 gs8321e32agd-375i dcd pipeline/flow through rohs-compliant 165 bga 375/4.2 i 1m x 32 gs8321e32agd-333i dcd pipeline/flow through rohs-compliant 165 bga 333/4.5 i 1m x 32 gs8321e32agd-300i dcd pipeline/flow through rohs-compliant 165 bga 250/5.5 i 1m x 32 gs8321e32agd-250i dcd pipeline/flow through rohs-compliant 165 bga 200/6.5 i 1m x 32 gs8321e32agd-200i dcd pipeline/flow through rohs-compliant 165 bga 150/7.5 i 1m x 32 gs8321e32agd-150i dcd pipeline/flow through rohs-compliant 165 bga 400/4.0 i 1m x 36 gs8321e36agd-400i dcd pipeline/flow through rohs-compliant 165 bga 375/4.2 i 1m x 36 gs8321e36agd-375i dcd pipeline/flow through rohs-compliant 165 bga 333/4.5 i 1m x 36 gs8321e36agd-333i dcd pipeline/flow through rohs-compliant 165 bga 250/5.5 i 1m x 36 gs8321e36agd-300i dcd pipeline/flow through rohs-compliant 165 bga 200/6.5 i 1m x 36 gs8321e36agd-250i dcd pipeline/flow through rohs-compliant 165 bga 150/7.5 i 1m x 36 gs8321e36agd-200i dcd pipeline/flow through rohs-compliant 165 bga 400/4.0 i 1m x 36 gs8321e36agd-150i dcd pipeline/flow through rohs-compliant 165 bga 375/4.2 i ordering information for gsi synchronous burst rams org part number 1 type package speed 2 (mhz/ns) t j 3 notes: 1. customers requiring delivery in tape and r eel should add the character ?t? to the end of the part number. example: gs8321e18a d-200it. 2. the speed column indicates the cycle frequenc y (mhz) of the device in pipeline mode and the latency (ns) in flow through mod e. each device is pipeline/flow through mode-selectable by the user. 3. c = commercial temperature range. i = industrial temperature range. 4. gsi offers other versions this type of device in many differ ent configurations and with a vari ety of different features, onl y some of which are covered in this data sheet. see the gsi technology web site (www.gsitechnology.com ) for a complete listing of current offerings.
36mb sync sram datasheet revision history file name types of changes format or content page;revisions;reason 8321exxa_r1 ? creation of new datasheet gs8321e18/32/36ad-400/ 375/333/250/200/150 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.00a 2/2011 32/32 ? 2010, gsi technology preliminary


▲Up To Search▲   

 
Price & Availability of GS8321E32AGD-400IT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X